Electronic Components Datasheet Search
  English  ▼

X  

PE6199 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6199
Description  50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6199 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6199 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6199 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
Configuration
Connector
MMCX Male
Heat Sink
Brass, Gold
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Input Power, Watts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-45 to +120
Size
Length, in [mm]
0.47 [11.94]
Width/Dia., in [mm]
0.19 [4.83]
.
Connector
Type
MMCX Male
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz PE6199
URL: http://www.pasternack.com/1-watts-mmcx-male-rf-load-up-to-6-ghz-pe6199-p.aspx
PE6199
PE6199 REV 1.0
50 Ohm 1 Watts Gold Plated Brass MMCX
Male RF Load Up To 6 GHz


Similar Part No. - PE6199

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6199 PASTERNACK-PE6199 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
More results

Similar Description - PE6199

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com