Electronic Components Datasheet Search
  English  ▼

X  

PE6202 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6202
Description  75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6202 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6202 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6202 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
Configuration
RF Load Design
Precision
Connector
F Male
Heat Sink
Zinc, Nickel
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
75
Maximum Return Loss, dB
40
Maximum Input Power, Watts
0.25
Frequency 1
Frequency, MHz
DC to 1,000
Return Loss, dB
40
Frequency 2
Frequency, GHz
1 to 2
Return Loss, dB
30
Frequency 3
Frequency, GHz
2 to 3
Return Loss, dB
22
Mechanical Specifications
Width/Dia., in [mm]
0.4 [10.16]
.
Connector
Type
F Male
Outer Conductor Material and Plating
Zinc
Coupling Nut Material and Plating
Zinc
Hex Size, Inch
7/16
Body Material and Plating
Zinc
Dielectric Type
PE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6202
PE6202 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz PE6202
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz


Similar Part No. - PE6202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6202 PASTERNACK-PE6202 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
PE6202-100PK PASTERNACK-PE6202-100PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 100 Pack
PE6202-25PK PASTERNACK-PE6202-25PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 25 Pack
PE6202 PASTERNACK-PE6202_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
More results

Similar Description - PE6202

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE38136-RD PASTERNACK-PE38136-RD Datasheet
117Kb / 1P
CABLE ASSEMBLY, PE-B159, 75 OHM HD PRECISION, F MALE TO F MALE
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
PE38136-BK PASTERNACK-PE38136-BK Datasheet
118Kb / 1P
CABLE ASSEMBLY, PE-B159, 75 OHM HD PRECISION, F MALE TO F MALE
PE38137-BK PASTERNACK-PE38137-BK Datasheet
120Kb / 1P
CABLE ASSEMBLY, PE-B159, 75 OHM HD PRECISION, F MALE RIGHT ANGLE TO F MALE
PE6202 PASTERNACK-PE6202_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
PE6202-25PK PASTERNACK-PE6202-25PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 25 Pack
PE6202-100PK PASTERNACK-PE6202-100PK Datasheet
911Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz 100 Pack
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com