Electronic Components Datasheet Search
  English  ▼

X  

PE6228 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6228
Description  Medium Power 25 Watts RF Load Up To 3 GHz With
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6228 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6228 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6228 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6228 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Heat Sink
Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
25
Peak Power, Watts
500
Mechanical Specifications
Temperature
Operating Range, deg C
-45 to +125
Size
Length, in [mm]
3.74 [95]
Width/Dia., in [mm]
1.65 [41.91]
.
Connector
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6228
PE6228 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 25 Watts RF Load Up To 3 GHz With N Male Input Round Body Aluminum
Heatsink PE6228
Medium Power 25 Watts RF Load Up To 3 GHz With
N Male Input Round Body Aluminum Heatsink


Similar Part No. - PE6228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6228 PASTERNACK-PE6228 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6228 PASTERNACK-PE6228_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
More results

Similar Description - PE6228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6205 PASTERNACK-PE6205 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Male INPUT
PE6206 PASTERNACK-PE6206 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Female input
PE6207 PASTERNACK-PE6207 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
PE6208 PASTERNACK-PE6208 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC female Input
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com