Electronic Components Datasheet Search
  English  ▼

X  

PE6232 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6232
Description  Medium Power 50 Watts RF Load Up To 3 GHz With SMA Female Input Square Body Nickel Plated Brass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6232 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Female
Heat Sink
Brass, Nickel
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.25:1
Input Power
50
Watts
Peak Power
1
KWatts
.
Mechanical Specifications
Temperature
Operating Range
-55 to +125 deg C
Size
Length
1.37 in [34.8 mm]
Width/Dia.
1.5 in [38.1 mm]
Height
0.6 in [15.24 mm]
.
Weight
0.066 lbs [29.94 g]
Connector
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• Peak Power is 5µs Pulse width with a 3% Duty Cycle
PE6232
PE6232 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 3 GHz With SMA Female Input Square Body Nickel
Plated Brass PE6232
Medium Power 50 Watts RF Load Up To 3 GHz With
SMA Female Input Square Body Nickel Plated Brass


Similar Part No. - PE6232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6232 PASTERNACK-PE6232 Datasheet
445Kb / 4P
SMA Female Input Square Body Nickel Plated Brass
PE6232 PASTERNACK-PE6232_16 Datasheet
445Kb / 4P
SMA Female Input Square Body Nickel Plated Brass
More results

Similar Description - PE6232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6198 PASTERNACK-PE6198 Datasheet
201Kb / 3P
Medium Power 50 Watts RF Load Up To 12.4 GHz With N Male Input Square Body
PE6233 PASTERNACK-PE6233 Datasheet
202Kb / 2P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Square Body Aluminum
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6166 PASTERNACK-PE6166_14 Datasheet
177Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
PE6232 PASTERNACK-PE6232_16 Datasheet
445Kb / 4P
SMA Female Input Square Body Nickel Plated Brass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com