Electronic Components Datasheet Search
  English  ▼

X  

PE6239 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6239
Description  High Power 100 Watts RF Load Up To 2.7 GHz With 7-16 DIN Female Input Paint Plated Aluminum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6239 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6239 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6239 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
High Power 100 Watts RF Load Up To 2.7 GHz With 7/16 DIN Female Input Paint Plated Aluminum from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watts RF Load Up To 2.7 GHz With 7/16 DIN Female Input Paint Plated Aluminum
PE6239
URL: http://www.pasternack.com/shorting-7-16-male-with-4-inch-chain-dust-cap-pe6239-p.aspx
PE6239
PE6239 REV 1.0
High Power 100 Watts RF Load Up To 2.7 GHz With
7/16 DIN Female Input Paint Plated Aluminum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com