Electronic Components Datasheet Search
  English  ▼

X  

PE6243 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6243
Description  Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6243 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6243 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6243 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input PE6243
URL: http://www.pasternack.com/1-watts-ssmc-male-rf-load-up-to-10-ghz-pe6243-p.aspx
PE6243
PE6243 REV 1.0
Low Power 1 Watts RF Load Up To 10
GHz With SSMC Male Input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com