Electronic Components Datasheet Search
  English  ▼

X  

RK73Z Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73Z
Description  zero ohm jumper chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73Z Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73Z Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73Z Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK73Z
zero ohm jumper chip resistor
Part
Designation
Operating
Temperature
Range
Maximum
Continuous
Current@70°C
MaximumOverload
Current@70°C
(for < 1 second)
applications and ratings
Maximum
Resistance
RK73Z1E
RK73Z1J
RK73Z2B
RK73Z2E
RK73Z2H/W2H
RK73Z3A/W3A
RK73Z1H
0.5 Amps
2.0 Amps
2.0 Amps
10 Amp Max.
1.0 Amp Max.
RK73Z1F
0.5 Amps
1.0 Amp Max.
5 Amp Max.
50mΩ
RatedAmbient
Temperature
70°C
-55°C to +155°C
RK73Z2A
1.0 Amps
2 Amp Max.
DeratingCurve
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
70
20
Ambient Temperature
(°C)
0
-55
120
155
125
1E, 1H, 1J, 2A
2B, 2E, 2H, 3A
1F
100
80
60
40
20
-60 -40 -20 0
40 60 80100
140
20
Terminal Part Temperature
(°C)
0
-55
120
155
125
1E, 1J, 2A, 2B
2E, W2H, W3A
-55°C to +125°C
Rated
TerminalPart
Temperature
125°C
—
For resistors operated at an ambient temperature of 70°C or above,
a current rating shall be derated in accordance with the above derating curve.
PerformanceCharacteristics
Parameter
Requirement
Limit
Typical
TestMethod
Resistance
25°C
50mΩ Max.
after the test
15mΩ Max.
after the test
Overload (Short time)
Maximum overload current for 5 seconds , 1 cycle
50mΩ Max.
after the test
18mΩ Max.
after the test
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
50mΩ Max.
after the test
15mΩ Max.
after the test
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
50mΩ Max.
after the test
15mΩ Max.
after the test
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
100mΩ Max.
after the test
18mΩ Max.
after the test
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
100mΩ Max.
after the test
18mΩ Max.
after the test
High Temperature Exposure
+125°C, 1000 hours: 1F
+155°C, 1000 hours: 1H, 1E, 1J, 2A, 2B, 2E, W2H/2H, W3A/3A
100mΩ Max.
after the test
15mΩ Max.
after the test
For resistors operated at a terminal part temperature of described for
each size or above, a power rating shall be derated in accordance
with the derating curve.
Please refer to “Introduction of the derating curve based on the
terminal part temperature” on the beginning of our catalog before use.
45
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/27/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com