Electronic Components Datasheet Search
  English  ▼

X  

SLW07 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SLW07
Description  surface mount molded current sense resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SLW07 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SLW07 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SLW07 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/18/14
SLW07, SLW1, SLN3
surface mount molded current sense resistors
DeratingCurve
SurfaceTemperatureRise
environmental applications
100
80
60
40
20
-60
-40
0
40
60
80 100
180
20
Terminal Part Temperature
(°C)
0
120
-20
140
-55
160
125
SLN3, SLW1 (120°C)
SLW07 (125°C)
150
100
50
50
100
% Rated Power
SLW1 (1)
SLW1 (2)
0
0
25
75
2
1
25
75
125
* 33mΩ
10mm pattern
150
100
50
50
100
% Rated Power
SLW07 (1)
0
0
25
75
25
75
125
SLW07 (2)
* 20mΩ
10mm pattern
SLW1
SLW07
Regarding the temperature rise, the value of the temperature varies per conditions and
board for use since the temperature is measured under our measuring conditions.
250
100
50
50
100
% Rated Power
SLN3 (1)
0
0
25
75
SLN3 (2)
2
1
150
200
* 110mΩ
10mm pattern
SLN3
For resistors operated at a terminal part temperature of described for each size
or above, a power rating shall be derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based on the terminal part
temperature” on the beginning of our catalog before use.
PerformanceCharacteristics
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Resistance
to Solder Heat
260°C ± 5°C, 10 ± 1 second
260°C ± 5°C, 10~12 seconds
±1%: SLW07,
SLW1
±0.5%: SLN3
±1%: SLW07,
SLW1
±0.5%: SLN3
Overload
(Short time)
SLW07: Rated power x 3 for 5 seconds, SLW1: Rated power x 5 for 5 seconds,
SLN3: Rated power x 10 for 5 seconds,
±1%: SLW07,
SLW1
±0.5%: SLN3
±1%: SLW07,
SLW1
±0.25%: SLN3
Rapid Change
of Temperature
-55°C (30 minutes), +150°C (30 minutes), 100 cycles
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±1%: SLW07,
SLW1
±0.5%: SLN3
±0.5%: SLW07,
SLW1
±0.25%: SLN3
Moisture
Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
85°C ± 2°C, 85% RH, 1000 hours, Rated power x 0.3
±2%: SLW07,
SLW1
±0.5%: SLN3
±0.5%: SLW07,
SLW1
±0.35%: SLN3
Endurance of Rated Terminal
Part Temperature
Terminal part temperature: 125°C (SLW07), 120 °C (SLW1, SLN3),
1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±1%
Low Temperature Exposure
SLW07, SLW1: -55°C, 1 hour; SLN3: -65°C, 24 hours
±0.5%
±0.25%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com