Electronic Components Datasheet Search
  English  ▼

X  

TLR2B Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TLR2B
Description  metal plate current sense resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLR2B Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TLR2B Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLR2B Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14
TLR
metal plate current sense resistor
features
• Ultra-low TCR (+50ppm/°C) available
• Metal alloy: superior corrosion and heat resistance
• Applications include current sensing, voltage division
and pulse applications
• Ultra low resistance (0.5mΩ - 20mΩ)
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
• AEC-Q200 Qualified
ordering information
F: ±1%
D: SnAgCu
±1%: 4 digits
Ex: 2L00: 2mΩ
2B: 0.5W
2H: 1W
3A: 1W
3AW: 2W
TE: 7" 8mm pitch embossed
plastic (3A, 3AW)
TE: 7" 4mm pitch embossed
plastic (2H only)
TD: 4mm pitch punched paper
(2B only)
TLR
Type Power
Rating
Nominal
Resistance Tolerance
Termination
Material
Packaging
NewPart#
3A
TE
2L00
F
D
For further information on packaging, please refer to Appendix A.
dimensions and construction
W
t
L
d
d
Protective
Coating
Resistive Element
Termination
Solder
Protective Coating
(3A, 3AP, 3AW:
0.5mΩ~1.5mΩ only)
Size
Code
.087±.01
(2.20±0.25)
.047±.01
(1.20±0.25)
.073±.01
(1.85±0.25)
.047±.01
(1.20±0.25)
L
Resistance
Wd
t
Dimensionsinches(mm)
TLR3A
.25±.01
(6.35±0.25)
.125±.01
(3.18±0.25)
.024±.01
(0.62±0.25)
1mΩ
2mΩ
3mΩ
4mΩ
.107±.01
(2.725±0.25)
TLR3AW
.25±.01
(6.35±0.25)
.125±.01
(3.18±0.25)
.024±.01
(0.60±0.25)
.087±.01
(2.20±0.25)
0.5mΩ
1mΩ, 1.5mΩ,
2mΩ, 3mΩ,
4mΩ
.047±.01
(1.20±0.25)
.030±.01
(0.77±0.25)
5mΩ, 6mΩ,
7mΩ, 8mΩ
75: 75ppm/°C
Blank:
150ppm/°C
Blank:
200ppm/°C
T.C.R.
75
.105±.01
(2.675±0.25)
0.68mΩ,0.75mΩ,
0.82mΩ,
9mΩ, 10mΩ
EU
Size
Code
L
Resistance
Wd
t
Dimensionsinches(mm)
.020±.008
(0.50±0.20)
2m,3m,4m,5m,
6m,7m,8m,9m,
10m,11m,12m,
13m,15m,16m,
18m,20m
TLR2B
.126±.008
(3.20±0.20)
.063±.008
(1.60±0.20)
.024±.008
(0.60±0.20)
.060±.008
(1.50±0.20)
TLR2H
.200±.008
(5.00±0.20)
.100±.008
(2.50±0.20)
.024±.008
(0.60±0.20)
.020±.008
(0.50±0.20)
2mΩ - 6mΩ
.071±.008
(1.80±0.20)
.026±.008
(0.65±0.20)
1mΩ
7mΩ - 10mΩ


Similar Part No. - TLR2B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TLR2B10DR0005FTDG TEC-TLR2B10DR0005FTDG Datasheet
382Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
TLR2B10DR0005HTDG TEC-TLR2B10DR0005HTDG Datasheet
382Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
logo
List of Unclassifed Man...
TLR2B10DR0005JTDG ETC-TLR2B10DR0005JTDG Datasheet
116Kb / 3P
SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
TLR2B10DR0005JTDG TEC-TLR2B10DR0005JTDG Datasheet
382Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
logo
List of Unclassifed Man...
TLR2B10DR00075JTDG ETC-TLR2B10DR00075JTDG Datasheet
116Kb / 3P
SMD Low Ohmic - Current Sense Resistors
More results

Similar Description - TLR2B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
American Accurate Compo...
OLRA-1W-10MFB AAC-OLRA-1W-10MFB Datasheet
79Kb / 2P
Custom Made Metal Plate Current Sense Resistor
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
metal plate current sense resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com