Electronic Components Datasheet Search
  English  ▼

X  

UD4606Q Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UD4606Q
Description  DUAL ENHANCEMENT MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606Q Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UD4606Q Datasheet HTML 2Page - Unisonic Technologies UD4606Q Datasheet HTML 3Page - Unisonic Technologies UD4606Q Datasheet HTML 4Page - Unisonic Technologies UD4606Q Datasheet HTML 5Page - Unisonic Technologies UD4606Q Datasheet HTML 6Page - Unisonic Technologies UD4606Q Datasheet HTML 7Page - Unisonic Technologies UD4606Q Datasheet HTML 8Page - Unisonic Technologies UD4606Q Datasheet HTML 9Page - Unisonic Technologies UD4606Q Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UD4606Q
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R211-021.B
TYPICAL CHARACTERISTICS(Cont.)
VDS=15V
ID=6.9A
10
8
6
4
2
0
02
4
6
810
12
14
Gate- Charge Characteristics
TJ(Max)=150℃
TA=25℃
40
30
20
10
0
0.001 0.01
0.1
1
10
100 1000
Pulse Width (s)
Single Pulse Power Rating Junction-
to-Ambient
Gate Charge,QG (nC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com