Electronic Components Datasheet Search
  English  ▼

X  

UT138FG Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT138FG
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FG Datasheet(HTML) 3 Page - Unisonic Technologies

  UT138FG Datasheet HTML 1Page - Unisonic Technologies UT138FG Datasheet HTML 2Page - Unisonic Technologies UT138FG Datasheet HTML 3Page - Unisonic Technologies UT138FG Datasheet HTML 4Page - Unisonic Technologies UT138FG Datasheet HTML 5Page - Unisonic Technologies UT138FG Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UT138FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R401-020.C
DYNAMIC CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
UT138FF UT138FG
Critical Rate of Rise of Off-State
Voltage
dVD/dt
VDM = 67% VDRM(MAX),TJ=125°C,
exponential waveform, gate
open circuit
100
200
250
V/µs
Critical Rate of Change of
Commutating Voltage
dVCOM/dt
VDM=400V, TJ=95°C,
IT(RMS)=12A, dICOM/dt=5.4A/ms,
gate open circuit
20
V/µs
Gate Controlled Turn-On Time
tGT
ITM =16A,VD= VDRM(MAX),
IG=0.1A, dIG/dt=5A/μs
2
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com