Electronic Components Datasheet Search
  English  ▼

X  

UT139 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT139
Description  TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT139 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT139 Datasheet HTML 1Page - Unisonic Technologies UT139 Datasheet HTML 2Page - Unisonic Technologies UT139 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT139
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R220-022.a
TRIAC
DESCRIPTION
The UTC UT139 is a triacs, it uses UTC’s advanced
technology to provide customers with high bidirectional transient
and high thermal cycling performance.
The UTC UT139 is suitable for motor control, heating and
static switching, etc.
FEATURES
* High bidirectional transient
* High thermal cycling performance
* Blocking voltage capability
SYMBOL
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
Normal
Lead Free Plating
1
2
3
UT139L-x-TA3-T
UT139G-x-TA3-T
TO-220
MT1
MT2
G
Tube
Note: Pin Assignment: G: Gate
(1) T: Tube
(2) TA3: TO-220
(3) 6: 600V, 8: 800V
(4) L: Lead Free, G: Halogen Free and Lead Free
UT139L- x -TA3-T
(1)Packing Type
(2)Package Type
(4)Green Package
(3)Peak Voltage
MARKING


Similar Part No. - UT139

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
TRIAC
UT139EG-6-TA3-T UTC-UT139EG-6-TA3-T Datasheet
139Kb / 3P
TRIAC
UT139EG-8-TA3-T UTC-UT139EG-8-TA3-T Datasheet
139Kb / 3P
TRIAC
UT139EL-6-TA3-T UTC-UT139EL-6-TA3-T Datasheet
139Kb / 3P
TRIAC
UT139EL-8-TA3-T UTC-UT139EL-8-TA3-T Datasheet
139Kb / 3P
TRIAC
More results

Similar Description - UT139

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com