Electronic Components Datasheet Search
  English  ▼

X  

UTT2N10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT2N10
Description  COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT2N10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT2N10 Datasheet HTML 1Page - Unisonic Technologies UTT2N10 Datasheet HTML 2Page - Unisonic Technologies UTT2N10 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT2N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-B19.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Source Voltage
VGSS
±20
V
Drain-Source Voltage
VDSS
100
V
Drain Current
Continuous VGS=10V, TA=25°C, t ≤10 sec
ID
1
A
Pulsed
VGS=10V, TA=25°C (Note1)
IDM
4.3
A
Power Dissipation
TA=25°C
PD
0.87
W
Derating
6.94
mW/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
θJA
55
°C/W
Junction to Case
θJC
12
°C/W
Notes: θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
0.5
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance(Note 1)
RDS(ON)
VGS=10V, ID=1.5A
0.7
Ω
VGS=4.5V, ID=1A
1.0
Ω
DYNAMIC PARAMETERS
Input Capacitance (Note 3)
CISS
VGS=0V, VDS=25V, f=1.0MHz
220
pF
Output Capacitance (Note 3)
COSS
33
pF
Reverse Transfer Capacitance (Note 3)
CRSS
17
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 3)
QG
VGS=10V, VDS=50V, ID=1A
21
nC
Gate to Source Charge (Note 3)
QGS
2
nC
Gate to Drain Charge (Note 3)
QGD
1.5
nC
Turn-ON Delay Time (Note 2, 3)
tD(ON
VDD=30V, ID=1A, RG≈6Ω,
VGS=10V
25.6
ns
Rise Time (Note 2, 3)
tR
16
ns
Turn-OFF Delay Time (Note 2, 3)
tD(OFF)
55
ns
Fall-Time (Note 2, 3)
tF
13
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
TA=25°C (Note 2)
1
A
Maximum Body-Diode Pulsed Current
ISM
TA=25°C (Note 3)
4.3
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=1.5A, VGS=0V
0.95
V
Notes: 1. Measured under pulsed conditions. Pulse width ≤ 300μs; duty cycle ≤ 2%
2. Switching characteristics are independent of operating junction temperature
3. For design aid only, not subject to production testing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com