Electronic Components Datasheet Search
  English  ▼

X  

620MS064 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620MS064
Description  Direct or Rotatable Coupling Strain Relief Clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620MS064 Datasheet(HTML) 1 Page - Glenair, Inc.

  620MS064 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-22
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
These clamps provide strain relief to
open wire bundles. Add tubing or
tape to build up smaller diameter
wires to fit the clamps.
Straight Entry clamps are available
with rotatable coupling or save space
with lower profile direct coupling
versions.
NOTES
Materials
• Coupling Nut, Clamp, and Saddles:
Aluminum Alloy 6061-T6 or 300 Series
SST
• Hardware: 300 Series Stainless Steel
Series 80 Mighty Mouse
Direct or Rotatable Coupling Strain Relief Clamp
620MS064 & 620M*065 Straight, 45° and 90° Ordering Information
How To Order
Sample Part Number
620MS064
M
07
Series (See Table I)
620MS064 = Straight Direct Coupling
620MS065 = Straight Rotatable Coupling
620MB065 = 45° Direct Coupling
620MA065 = 90° Direct Coupling
Shell Material and Finish
C = Aluminum / Black Anodize (Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
NF = Aluminum / Cadmium with Olive Drab
ZN = Aluminum / Zinc-Nickel with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
MT = Aluminum / Nickel-PTFE
Z1 = Stainless Steel / Passivated
Size Code (See Table II)
05, 06, 11, 07, 08, 09, 10, 12, 13, 14, 15, 16, 17
Table II: Size Codes
Size Code
Shell Size Ref
Thread
Size
Class-2B
Cable Entry
Diameter
Series
800, 801
803, 804
Series 805
05
5
N/A
.2500-32 UNEF
.11
06
6
N/A
.3125-32 UNEF
.17
11
N/A
8
.3750-32 UNEF
.17
07
7
9
.4375-28 UNEF
.23
08
8
10
.5000-28 UNEF
.30
09
9
11
.5625-24 UNEF
.30
10
10
12
.6250-24 UNEF
.36
12
11/12/13
13
.6875-24 UNEF
.42
13
N/A
15
.7500-20 UNEF
.42
14
14/15/16/17
18/19
.9375-20 UNEF
.48
15
14/15/16/17
18/19
.9375-20 UNEF
.61
16
19
21
1.0625-18 UNEF
.73
17
21
23
1.1875-18 UNEF
.86
Table I: Cover Style
620MS065
Rotatable Coupling
620MS064
Direct Coupling


Similar Part No. - 620MS064

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
Rotatable Coupling Strain Relief Clamp
More results

Similar Description - 620MS064

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A065XO08R GLENAIR-319A065XO08R Datasheet
444Kb / 2P
Self-Locking Rotatable Coupling
450AA029XO08 GLENAIR-450AA029XO08 Datasheet
352Kb / 1P
Strain-Relief with Self-Locking Rotatable Coupling
450AA030XM08 GLENAIR-450AA030XM08 Datasheet
354Kb / 1P
Strain-Relief with Self-Locking Rotatable Coupling and Ground Lug
450AA034XB08 GLENAIR-450AA034XB08 Datasheet
295Kb / 2P
Strain-Relief with Free-Rotating Coupling
620AA042 GLENAIR-620AA042 Datasheet
305Kb / 1P
Composite Strain-Relief Clamp
logo
Pomona Electronics
5076 POMONA-5076 Datasheet
22Kb / 1P
Strain Relief Boot With Clamp Nut
logo
3M Electronics
3504-4 3M-3504-4 Datasheet
156Kb / 2P
Strain Relief/Grounding Clamp
17-Dec-2006
logo
Glenair, Inc.
370MS037 GLENAIR-370MS037 Datasheet
160Kb / 1P
Direct or Rotatable Coupling Environmental Backshell
620MA065-90 GLENAIR-620MA065-90 Datasheet
180Kb / 1P
Rotatable Coupling Strain Relief Clamp
620HS011M17 GLENAIR-620HS011M17 Datasheet
150Kb / 3P
Strain Relief Rotatable Coupling - Straight and 90°
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com