Electronic Components Datasheet Search
  English  ▼

X  

660-072 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 660-072
Description  MIL-PRF-28876 Dust Covers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660-072 Datasheet(HTML) 2 Page - Glenair, Inc.

  660-072 Datasheet HTML 1Page - Glenair, Inc. 660-072 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J
www.glenair.com
E-Mail:sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
J-29
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
CoverType
(Plug or Receptacle)
(Table I)
660-072 NF C
H
9 - 01
Material/
FinishCode
(Table II)
Attachment
Type
(Table VI)
AttachmentLength
In inches (Consult factory
for length options)
Shell
Size
(Table III)
Lanyard
Type
(Table V)
CoverType
Plug or Receptacle
(Table I)
M28876/10 - C
C
Shell
Size
(Table III)
Lanyard/
AttachmentType
(Table IV)
M28876/10 and M28876/15
660-072 and 660-073
MIL-PRF-28876 Dust Covers
How to order: Military QPL
How To Order: Glenair Commercial
Table VI: Attachment Type (Commercial)
Shell Size
Attachment Type
Connector Type
Code
A
Ring
Plug
13
Recp
15
B
Ring
Plug
15
Recp
17
C
Ring
Plug
17
Recp
20
D
Ring
Plug
23
Recp
27
All
Fastener (Eyelet)
All
01
Table III: Shell Size
Symbol
A Thread
A
.750-0.1P-0.2L-D.S.
B
.875-0.1P-0.2L-D.S.
C
1.062-0.1P-0.2L-D.S.
F
1.500-0.1P-0.2L-D.S.
Table IV: Lanyard/Attachment (MIL-Spec)
Symbol
Description
A
Chain (Sash) with Fastener (Eyelet) Attachment
B
Chain (Sash) with Ring Attachment
C
Wire Rope with Fastener (Eyelet) Attachment
D
Wire Rope with Ring Attachment
E
Without Chain (Sash) or Wire Rope
Table V: Lanyard Type (Commercial)
Symbol
Type
H
Wire Rope, Coated
S
Chain (Sash), Passivated
N
No Lanyard
Consult Factory for Additional Options
Table II: Material and Finish (Commercial)
Code
Material
Finish Description
M
Aluminum
Alloy
Electroless Nickel
NF
Cadmium,
Olive Drab
MT
Nickel-PTFE,
Grey
ZR
Zinc-Nickel, Black
Consult Factory for Additional Options
*MT plating available only with Glenair
commercial equivalent part numbers
MaterialsandFinish
Note: All M28876 Part
Numbers are supplied
standard with Cadmium Plate,
Olive Drab (1000 Hrs. Salt
Spray) over Aluminum Alloy
Refer to Appendix for material/finish details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com