Electronic Components Datasheet Search
  English  ▼

X  

804-076 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 804-076
Description  Mighty Mouse Push-Pull High-Speed Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-076 Datasheet(HTML) 1 Page - Glenair, Inc.

  804-076 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Q-18
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
Q
Series 804 SATA Cordsets
Mighty Mouse Push-Pull High-Speed Connector
to L-COM SATA Connector
804-076 Ordering Information
804-076: Series 804 Mighty Mouse High-Speed SATA Cordset
"LENGTH" MIN (SEE P/N DEVELOPMENT)
PROTECTIVE COVER,
809-198 OR 667-202
GLENAIR HIGH-SPEED CONNECTOR,
804-026-06 PLUG OR 804-028-01 RECEPTACLE
6-7 INSERT ARRANGEMENT (GROMMET REMOVED)
SHRINK BOOT,
809S060-2
P1
L-COM SATA
CABLE ASSY,
CASATA
L-COM R/A SATA
CABLE ASSY, CASATAR
"PART NUMBER"
GLENAIR YYWW 06324
BRADY LABEL,
LAT-18 OR EQ.
APPROX LOCATION:
CENTER OF CABLE
P2
How To Order
Sample Part Number
804-076
-A
NF
N
A
S
-24
Series
804-076 = Mighty Mouse to L-COM SATA cordset
P1 Connector
-A = Plug with Pin Contacts
-B = Plug with Socket Contacts
-C = Receptacle with Pin Contacts
-D = Receptacle with Socket Contacts
Shell Material / Finish
M = Aluminum / Electroless Nickel RoHS Compliant
NF = Aluminum / Cadmium with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
MT = Aluminum / Nickel-PTFE, RoHS Compliant
Z1 = Stainless Steel / Passivated RoHS Compliant
Protective Cover
P = Metal Protective Covers Included N = No Covers Supplied
Shell Key Pos. (See Page N3)
A (Normal), B, C, D, E, F
P2 Connector Configuration
R = Right Angle
S = Straight
Length
Overall Length in Inches 36" Max.


Similar Part No. - 804-076

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-070 GLENAIR-804-070 Datasheet
261Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
804-071 GLENAIR-804-071 Datasheet
234Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
804-072 GLENAIR-804-072 Datasheet
236Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
804-073 GLENAIR-804-073 Datasheet
230Kb / 1P
Mighty Mouse High-Speed Push-Pull Connector
804-074 GLENAIR-804-074 Datasheet
229Kb / 1P
Push-Pull Mighty Mouse High-Speed Connector
More results

Similar Description - 804-076

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-073 GLENAIR-804-073 Datasheet
230Kb / 1P
Mighty Mouse High-Speed Push-Pull Connector
804-074 GLENAIR-804-074 Datasheet
229Kb / 1P
Push-Pull Mighty Mouse High-Speed Connector
804-075 GLENAIR-804-075 Datasheet
233Kb / 1P
Push-Pull Mighty Mouse High-Speed Connector
804-005-00 GLENAIR-804-005-00 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse Connector
804-005-07 GLENAIR-804-005-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-00 GLENAIR-804-006-00 Datasheet
195Kb / 1P
Push-Pull Mighty Mouse Connector
804-026 GLENAIR-804-026 Datasheet
301Kb / 2P
Push-Pull High-Speed Mighty Mouse
804-028 GLENAIR-804-028 Datasheet
255Kb / 1P
Push-Pull High-Speed Mighty Mouse
804-030 GLENAIR-804-030 Datasheet
415Kb / 2P
Push-Pull High-Speed Mighty Mouse
809-083 GLENAIR-809-083 Datasheet
432Kb / 3P
Push-Pull Mighty Mouse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com