Electronic Components Datasheet Search
  English  ▼

X  

32R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 32R
Description  Two output channels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  32R Datasheet HTML 1Page - List of Unclassifed Manufacturers 32R Datasheet HTML 2Page - List of Unclassifed Manufacturers 32R Datasheet HTML 3Page - List of Unclassifed Manufacturers 32R Datasheet HTML 4Page - List of Unclassifed Manufacturers 32R Datasheet HTML 5Page - List of Unclassifed Manufacturers 32R Datasheet HTML 6Page - List of Unclassifed Manufacturers 32R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Board 1 SKYPER
® 32 R - Technical Explanations
6
2010-04-21 – Rev01
© by SEMIKRON
Collector Series Resistance
RVCE
Designation
Shape
Setting
R150
MiniMELF
RVCE *
Factory setting: not equipped
TOP
R250
MiniMELF
RVCE *
Factory setting: not equipped
BOT
* 1200V IGBT operation: 0
*
* 1700V IGBT operation: 1k
/ 0,4W
Adaptation Gate Resistors
RGon & RGoff
Designation
Shape
Setting
R151, R152, R153
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
TOP
R154, R155, R156
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
TOP
R251, R252, R253
(parallel connected)
MiniMELF
RGon
Factory setting: not equipped
BOT
R254, R255, R256
(parallel connected)
MiniMELF
RGoff
Factory setting: not equipped
BOT
Boost Capacitors
Cboost15P & Cboost8N
Designation
Shape
Setting
C112
1210
Cboost8N
Factory setting: 4,7µF/25V *
TOP
C110
1210
Cboost8N
Factory setting: 4,7µF/25V *
TOP
C111
1210
Cboost15P
Factory setting: 2,2µF/25V *
TOP
C212
1210
Cboost8N
Factory setting: 4,7µF/25V *
BOT
C210
1210
Cboost8N
Factory setting: 4,7µF/25V *
BOT
C211
1210
Cboost15P
Factory setting: 2,2µF/25V *
BOT
* output charge pulse: 5µC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com