Electronic Components Datasheet Search
  English  ▼

X  

PE8743 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8743
Description  9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8743 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8743 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8743 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range, GHz
17.7 to 21.2
Electrical Specifications
Passband Minimum Frequency
17.7 GHz
Passband Maximum Frequency
21.2 GHz
Maximum Insertion Loss
2 dB
Passband Maximum VSWR
1.5:1
Rejection at 0 KHz
50 dB
Rejection at 2.4 GHz
50 dB
Mechanical Specifications
Width
0.45 in [11.43 mm]
Height
0.38 in [9.65 mm]
.
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• Comes with a ruggedized housing.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to
21.2 GHz With a 3.5 GHz Passband PE8743
PE8743
PE8743 REV 1.0
9 Section Bandpass Filter With SMA Female Connectors
Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband


Similar Part No. - PE8743

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results

Similar Description - PE8743

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8715 PASTERNACK-PE8715 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com