Electronic Components Datasheet Search
  English  ▼

X  

PE8744 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8744
Description  9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8744 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8744 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8744 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8744 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Passband Frequency
27.5
31
GHz
Insertion Loss
2.5
dB
Passband VSWR
1.5:1
Rejection at 0 KHz
50
dB
Rejection at 32.75 GHz
50
dB
.
Electrical Specification Notes: Values at 25°C, sea level.
Mechanical Specifications
Size
Width
0.38 in [9.65 mm]
Height
0.38 in [9.65 mm]
.
Configuration
Design
Bidirectional Chebyshev
Number of Sections
9
Connector 1
SMA Female
Connector 2
SMA Female
Mechanical Specification Notes: Comes with a ruggedized housing.
Environmental Specifications
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz
With a 3.5 GHz Passband PE8744
PE8744 REV 1.1
9 Section Bandpass Filter With SMA Female Connectors
Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
Bandpass Filters Technical Data Sheet
PE8744


Similar Part No. - PE8744

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results

Similar Description - PE8744

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8715 PASTERNACK-PE8715 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PE87FL1012 PASTERNACK-PE87FL1012 Datasheet
516Kb / 4P
11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com