Electronic Components Datasheet Search
  English  ▼

X  

PE45164 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45164
Description  Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45164 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45164 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45164 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Banana Plug
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance
0 Ohms
Mechanical Specifications
Size
Length
2.54 in [64.52 mm]
Width/Dia.
1.175 in [29.85 mm]
Height
0.65 in [16.51 mm]
.
Weight
0.041 lbs [18.6 g]
Connector
Type
Banana Plug
Contact Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
ABS
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Banana Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Banana Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45164
URL: http://www.pasternack.com/banana-plug-rg188-ds-rg316-ds-connector-pe45164-p.aspx
PE45164
PE45164 REV 1.0
Banana Plug Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS


Similar Part No. - PE45164

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45160 PASTERNACK-PE45160 Datasheet
404Kb / 3P
N Male Right Angle Connector Clamp - Solder Attachment for RG188-DS, RG316-DS
PE45161 PASTERNACK-PE45161 Datasheet
414Kb / 3P
TNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45164

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45169 PASTERNACK-PE45169 Datasheet
347Kb / 3P
MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com