Electronic Components Datasheet Search
  English  ▼

X  

PE51150 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE51150
Description  Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain MD Male Input Connector IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51150 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE51150 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51150 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51150 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
3
Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain MD Male Input Connector IP67 Rated from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain MD Male Input
Connector IP67 Rated PE51150
URL: http://www.pasternack.com/single-antenna-698-870-mhz-2-dbi-gain-md-pe51150-p.aspx
PE51150
PE51150 REV 1.1
Whip Antenna Operates From 698 MHz to 870 MHz With a
Typical 2 dBi Gain MD Male Input Connector IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com