Electronic Components Datasheet Search
  English  ▼

X  

SI3585CDV Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI3585CDV
Description  N- and P-Channel 20 V (D-S) MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI3585CDV Datasheet(HTML) 2 Page - Vishay Telefunken

  SI3585CDV Datasheet HTML 1Page - Vishay Telefunken SI3585CDV Datasheet HTML 2Page - Vishay Telefunken SI3585CDV Datasheet HTML 3Page - Vishay Telefunken SI3585CDV Datasheet HTML 4Page - Vishay Telefunken SI3585CDV Datasheet HTML 5Page - Vishay Telefunken SI3585CDV Datasheet HTML 6Page - Vishay Telefunken SI3585CDV Datasheet HTML 7Page - Vishay Telefunken SI3585CDV Datasheet HTML 8Page - Vishay Telefunken SI3585CDV Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Vishay Siliconix
Si3585CDV
www.vishay.com
2
Document Number: 67470
S13-1562-Rev. C, 15-Jul-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
20
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 20
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
N-Ch
15
mV/°C
ID = - 250 µA
P-Ch
- 16.2
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
N-Ch
- 2.8
ID = - 250 µA
P-Ch
2.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
N-Ch
1
µA
VDS = - 20 V, VGS = 0 V
P-Ch
- 1
VDS = 20 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 4.5 V
N-Ch
12
A
VDS - 5 V, VGS = - 4.5 V
P-Ch
- 5
Drain-Source On-State Resistanceb
RDS(on)
VGS = 4.5 V, ID = 2.5 A
N-Ch
0.048
0.058
VGS = - 4.5 V, ID = - 1.9 A
P-Ch
0.162
0.195
VGS = 2.5 V, ID = 1 A
N-Ch
0.065
0.078
VGS = - 2.5 V, ID = - 1 A
P-Ch
0.263
0.316
Forward Transconductanceb
gfs
VDS = 10 V, ID = 35 A
N-Ch
12
S
VDS = - 10 V, ID = - 1.9 A
P-Ch
1
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 10 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 10 V, VGS = 0 V, f = 1 MHz
N-Ch
150
pF
P-Ch
210
Output Capacitance
Coss
N-Ch
53
P-Ch
50
Reverse Transfer Capacitance
Crss
N-Ch
22
P-Ch
35
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 3.5 A
N-Ch
3.2
4.8
nC
VDS = - 10 V, VGS = - 10 V, ID = - 1.9 A
P-Ch
6
9
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 3.5 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 1.9 A
N-Ch
1.6
2.4
P-Ch
2.9
4.3
Gate-Source Charge
Qgs
N-Ch
0.3
P-Ch
0.6
Gate-Drain Charge
Qgd
N-Ch
0.4
P-Ch
0.9
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.9
4.8
9.6
P-Ch
1.2
6.2
12.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com