Electronic Components Datasheet Search
  English  ▼

X  

BCV48 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCV48
Description  For general AF applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV48 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCV48 Datasheet HTML 1Page - Infineon Technologies AG BCV48 Datasheet HTML 2Page - Infineon Technologies AG BCV48 Datasheet HTML 3Page - Infineon Technologies AG BCV48 Datasheet HTML 4Page - Infineon Technologies AG BCV48 Datasheet HTML 5Page - Infineon Technologies AG BCV48 Datasheet HTML 6Page - Infineon Technologies AG BCV48 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-10-05
1
BCV28, BCV48
1
2
2
3
PNP Silicon Darlington Transistors
• For general AF applications
• High collector current
• High current gain
• Complementary types: BCV29, BCV49 (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCV28
BCV48
ED
EE
1=B
1=B
2=C
2=C
3=E
3=E
SOT89
SOT89
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BCV28
BCV48
VCEO
30
60
V
Collector-base voltage
BCV28
BCV48
VCBO
40
80
Emitter-base voltage
VEBO
10
Collector current
IC
500
mA
Peak collector current, tp ≤ 10 ms
ICM
800
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 130 °C
Ptot
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


Similar Part No. - BCV48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV48 PHILIPS-BCV48 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV48 ZETEX-BCV48 Datasheet
16Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Siemens Semiconductor G...
BCV48 SIEMENS-BCV48 Datasheet
142Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV48 INFINEON-BCV48 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV48 NXP-BCV48 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
More results

Similar Description - BCV48

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1252 SANYO-2SA1252 Datasheet
106Kb / 4P
For AF Applications
logo
Siemens Semiconductor G...
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
NPN Silicon AF Transistors (For general AF applications High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
logo
MAKO SEMICONDUCTOR CO.,...
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
For general AF applications
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
For general AF applications
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
For general AF applications
2011-10-05
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
For general AF applications
2011-10-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com