Electronic Components Datasheet Search
  English  ▼

X  

SIR802DP Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIR802DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR802DP Datasheet(HTML) 3 Page - Vishay Telefunken

  SIR802DP Datasheet HTML 1Page - Vishay Telefunken SIR802DP Datasheet HTML 2Page - Vishay Telefunken SIR802DP Datasheet HTML 3Page - Vishay Telefunken SIR802DP Datasheet HTML 4Page - Vishay Telefunken SIR802DP Datasheet HTML 5Page - Vishay Telefunken SIR802DP Datasheet HTML 6Page - Vishay Telefunken SIR802DP Datasheet HTML 7Page - Vishay Telefunken SIR802DP Datasheet HTML 8Page - Vishay Telefunken SIR802DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 65671
S10-0217-Rev. A, 25-Jan-10
www.vishay.com
3
Vishay Siliconix
SiR802DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 3 V
VGS =2 V
0.003
0.004
0.005
0.006
0.007
0.008
014
28
42
56
70
ID - Drain Current (A)
VGS =2.5 V
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
7
14
21
28
35
ID =10A
Qg - Total Gate Charge (nC)
VDS =15 V
VDS =10 V
VDS =5 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC =- 55 °C
Crss
0
500
1000
1500
2000
2500
04
8
12
16
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS =2.5 V
ID =10A
VGS =10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com