Electronic Components Datasheet Search
  English  ▼

X  

BTS409L1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS409L1
Description  Fast demagnetization of inductive loads
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS409L1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS409L1 Datasheet HTML 5Page - Infineon Technologies AG BTS409L1 Datasheet HTML 6Page - Infineon Technologies AG BTS409L1 Datasheet HTML 7Page - Infineon Technologies AG BTS409L1 Datasheet HTML 8Page - Infineon Technologies AG BTS409L1 Datasheet HTML 9Page - Infineon Technologies AG BTS409L1 Datasheet HTML 10Page - Infineon Technologies AG BTS409L1 Datasheet HTML 11Page - Infineon Technologies AG BTS409L1 Datasheet HTML 12Page - Infineon Technologies AG BTS409L1 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS409L1
Data Sheet
9
2013-10-10
Vbb disconnect with charged external
inductive load
PROFET
V
IN
ST
OUT
GND
bb
1
2
4
3
5
V
bb
high
S
D
If other external inductive loads L are connected to the PROFET,
additional elements like D are necessary.
Inductive Load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
L
RL
{
Z
L
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER=
VON(CL)·iL(t) dt,
with an approximate solution for RL  0 :
EAS=
IL·L
2·RL
·
(Vbb + |VOUT(CL)|)· ln (1+
IL·RL
|VOUT(CL)|
)
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C,TC = 150°C const.,
Vbb = 12 V, RL = 0 
L [mH]
1
10
100
1000
10000
1
2
3
4
5
IL [A]
Transient thermal impedance chip case
ZthJC = f(tp)ZthJC [K/W]
0.01
0.1
1
10
1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E1
1E2
0
0.01
0.02
0.05
0.1
0.2
0.5
D=
tp [s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com