Electronic Components Datasheet Search
  English  ▼

X  

DB107G Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DB107G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DB107G Datasheet(HTML) 2 Page - Unisonic Technologies

  DB107G Datasheet HTML 1Page - Unisonic Technologies DB107G Datasheet HTML 2Page - Unisonic Technologies DB107G Datasheet HTML 3Page - Unisonic Technologies DB107G Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB107G
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R227--03.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
1000
V
RMS Voltage
VRMS
700
V
Continuous Reverse Voltage
VR
1000
V
Forward Rectified Current
0.06”(1.5mm) lead lenth at TA=40°C (Note 2)
IO
1.0
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
50
A
I
2t Rating for Fusing
t<8.3ms
I
2t
10
A
2s
Operating Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage (t<8.3ms )
VF
IF=1.0A
1.10
V
DC Reverse Current at Rated DC Blocking
Voltage
IR
VR=VRRM, TA=25°C
10
μA
VR=VRRM, TA=100°C
500
μA
Junction Capacitance Per Element (Note 1)
CJ
25
pF
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on P.C.B with 0.51"×0.51"(13×13mm) copper pads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com