Electronic Components Datasheet Search
  English  ▼

X  

MB6FU Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MB6FU
Description  SCHOTTKY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MB6FU Datasheet(HTML) 2 Page - Unisonic Technologies

  MB6FU Datasheet HTML 1Page - Unisonic Technologies MB6FU Datasheet HTML 2Page - Unisonic Technologies MB6FU Datasheet HTML 3Page - Unisonic Technologies MB6FU Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB6FU
SCHOTTKY BRIDGE
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R202-039.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load,derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VDC
600
V
RMS Voltage
VRMS
420
V
Repetitive Peak Reverse Voltage
VRRM
600
V
Average Forward Rectified Current
TA=40°C (Note 2)
IO
1.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load
IFSM
35
A
Operating Junction Temperature Range
TJ
-55~+125
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on glass epoxy pc board with 1.3mm
2 solder pad.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
Note: Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage
VF
IF=1.0A
1.1
V
TJ=25°C
5.0
μA
DC Reverse Current at Rated DC Blocking
Voltage
IR
TJ=125°C
500
μA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com