Electronic Components Datasheet Search
  English  ▼

X  

MBR3200 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR3200
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR3200 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR3200 Datasheet HTML 1Page - Unisonic Technologies MBR3200 Datasheet HTML 2Page - Unisonic Technologies MBR3200 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR3200
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-020.b
ABSOLUTE MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current: 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
SMC
90
°C/W
Junction to Ambient
DO-201AD
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=3.0A TJ=25°C
0.9
V
Forward Voltage Drop (Note 2)
VF
IF=3.0A, TJ=100°C
0.7
V
TJ=25°C
50
μA
Peak Reverse Current at Rated DC
Blocking Voltage
IR
TJ=100°C
10
mA
Notes: 1. Minimum Pad Area
2. Pulse test: 300μs pulse width, 1% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com