Electronic Components Datasheet Search
  English  ▼

X  

MBR4045C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR4045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR4045C Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR4045C Datasheet HTML 1Page - Unisonic Technologies MBR4045C Datasheet HTML 2Page - Unisonic Technologies MBR4045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR4045C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-273.B
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Maximum RMS Reverse Voltage
VRMS
45
V
DC Blocking Voltage
VR
31.5
V
Per Leg
20
Average Rectified Output Current
(Note 2) TC = 105°C
Total
IO
40
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
170
A
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
2
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg) (Note 2) (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=20A, TC=25°C
0.70
V
Instantaneous Forward Voltage Drop
VF
IF=20A, TC=125°C
0.60
V
Rated DC Voltage, TC=25°C
1000
μA
Instantaneous Reverse Current
IR
Rated DC Voltage, TC=125°C
100
mA
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com