Electronic Components Datasheet Search
  English  ▼

X  

MBR10120 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR10120
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR10120 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR10120 Datasheet HTML 1Page - Unisonic Technologies MBR10120 Datasheet HTML 2Page - Unisonic Technologies MBR10120 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10120
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-021.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
120
V
Repetitive Peak Reverse Voltage
VRRM
120
V
Maximum RMS Reverse Voltage
VRMS
70
V
DC Blocking Voltage
VR
120
V
Average Rectified Output Current (TA=105°C)
IO
10
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
110
A
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-277
73 (Note)
°C/W
Junction to Case
TO-220
θJC
2
°C/W
TO-220F
3.31
°C/W
TO-277
13 (Note)
°C/W
Note: Mounted on an FR4 PCB, single-sided copper, with 100 cm
2 copper pad area.
ELECTRICAL CHARACTERISTICS (Note 2)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage Drop
VF
IF=10A, TC=25°C
0.85
V
IF=10A, TC=125°C
0.80
Instantaneous Reverse Current
IR
Rated DC Voltage, TC=25°C
500
μA
Rated DC Voltage, TC=125°C
20
mA
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com