Electronic Components Datasheet Search
  English  ▼

X  

MBR30200C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR30200C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR30200C Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR30200C Datasheet HTML 1Page - Unisonic Technologies MBR30200C Datasheet HTML 2Page - Unisonic Technologies MBR30200C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR30200C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-011.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Working Peak Reverse Voltage
VRWM
200
V
Repetitive Peak Reverse Voltage
VRRM
200
V
Maximum RMS Reverse Voltage
VR(RMS)
140
V
DC Blocking Voltage
VR
200
V
Per Leg
15
A
Average Rectified Output Current
Per Device
Total
IO
30
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
180
A
Operating Junction Temperature (Note 1)
TJ
-65~+150
°C
Storage Temperature (Note 1)
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UN IT
Junction to Ambient
θJA
62.5
°C/W
TO-220
1.8
°C/W
Junction to Case
TO-220F1
θJC
3.3
°C/W
ELECTRICAL CHARACTERISTICS (Note 2) (TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
200
V
IF=15A, TC=25°C
0.90
V
Instantaneous Forward Voltage
VF
IF=15A, TC=125°C
0.80
V
VR=200V, TJ=25°C
50
μA
Instantaneous Reverse Current
IR
VR=200V, TJ=125°C
10
mA
Notes: 1. The heat generated must be less than the thermal conductivity from Junction to Ambient: PD/TJ<1/θJA.
2. Pulse Test: Pulse Width=300μs, Duty Cycle≤2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com