Electronic Components Datasheet Search
  English  ▼

X  

MSB64DA-1 Datasheet(PDF) 1 Page - Micro Electronics

Part # MSB64DA-1
Description  2mm x 5mm RECTANGULAR RED LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MSB64DA-1 Datasheet(HTML) 1 Page - Micro Electronics

  MSB64DA-1 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MSB64DA-1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB64TA-1 MICRO-ELECTRONICS-MSB64TA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
More results

Similar Description - MSB64DA-1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB64TA-1 MICRO-ELECTRONICS-MSB64TA-1 Datasheet
59Kb / 1P
2mm x 5mm RECTANGULAR RED LED LAMP
logo
Kingbright Corporation
WP117EGWT KINGBRIGHT-WP117EGWT Datasheet
453Kb / 7P
2mm x 5mm BI-COLOR RECTANGULAR LED LAMP
WP117EYWT KINGBRIGHT-WP117EYWT Datasheet
454Kb / 7P
2mm x 5mm BI-COLOR RECTANGULAR LED LAMP
WP117GYWT KINGBRIGHT-WP117GYWT Datasheet
454Kb / 7P
2mm x 5mm BI-COLOR RECTANGULAR LED LAMP
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
logo
LUMEX INC.
SSL-LX2573HD LUMEX-SSL-LX2573HD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR 700mm RED LED
SSL-LX2573ID-BL9 LUMEX-SSL-LX2573ID-BL9 Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR RED LED
SSL-LX2573SIC LUMEX-SSL-LX2573SIC Datasheet
49Kb / 1P
2mm X 5mm RECTANGULAR, 636mm AlllGaP RED LED
SSL-LX2573SRD LUMEX-SSL-LX2573SRD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR 660mm SUPER RED LED
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
2mm X 5mm Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com