Electronic Components Datasheet Search
  English  ▼

X  

809-141 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-141
Description  Molding, Backshell Banding Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-141 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-141 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-39
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Table I: Dash Number Reference
Shell Size
A Thread
Class -2B
B Max
Dash No.
Available2
05
1/4-32 UNEF
0.375
01-03
06
5/16-32 UNEF
0.438
01-04
07
7/16-28 UNEF
0.562
02-06
08
1/2-28 UNEF
0.625
03-07
09
9/16-24 UNEF
0.682
05-08
10
5/8-24 UNEF
0.745
06-09
12
11/16-24 UNEF
0.807
07-10
14
7/8-20 UNEF
0.985
08-12
15
15/16-20 UNEF
1.047
10-14
Table II: Dimensions
Dash No.
C Dia
D Dia
E Dia
in
mm
in
mm
in
mm
01
0.094
2.39
0.133
3.38
0.235
5.97
02
0.125
3.18
0.164
4.17
0.266
6.76
03
0.172
4.37
0.211
5.36
0.313
7.95
04
0.234
5.94
0.273
6.93
0.375
9.53
05
0.272
6.91
0.311
7.90
0.413
10.49
06
0.312
7.92
0.351
8.92
0.453
11.51
07
0.375
9.53
0.414
10.52
0.516
13.11
08
0.438
11.13
0.477
12.12
0.579
14.71
09
0.500
12.70
0.539
13.69
0.641
16.28
10
0.562
14.27
0.601
15.27
0.703
17.86
11
0.625
15.88
0.664
16.87
0.766
19.46
12
0.688
17.48
0.727
18.47
0.829
21.06
13
0.750
19.05
0.789
20.04
0.891
22.63
14
0.812
20.62
0.851
21.62
0.953
24.21
15
0.875
22.23
0.914
23.22
1.016
25.81
16
0.938
23.83
0.977
24.82
1.079
27.41
17
01.00
25.40
1.036
26.31
1.141
28.98
O-RING
.090/.080
(2.29/2.03)
.260
(6.60)
.75 (19.05)
E
D
C
KNURL STYLE MFR
OPTION - TYP
A THREAD
B
MAX
How To Order
Sample Part Number
809-141
NF 07 04
B
Series (See Table I)
809-141
Shell Material and Finish
C = Aluminum /
Black Anodize (Non-
Conductive) RoHS
Compliant
M = Aluminum /
Electroless Nickel
NF = Aluminum /
Cadmium with Olive Drab
ZN = Aluminum / Zinc-
Nickel with Olive Drab
Chromate
Z1 = Stainless Steel /
Passivated
Shell Size
(See Table I)
05, 06, 07, 08, 09, 10, 12, 14,
15
Dash No. (See Table II)
01, 02, 03, 04, 05, 06, 07, 08, 09, 10,
11, 12, 13, 14, 15, 16, 17
Band Option
B =601-060 Flat Band Supplied
K= 601-061 Pre-Coiled Band Supplied
Omit for No Band Supplied
These adapters are used with Band-Master™ ATS micro
band shield termination straps. Choose the smallest cable
entry for your wire bundle.
Series 802 Aqua Mouse
Molding, Backshell Banding Adapter
809-141 Ordering Information
NOTES
1. Glenair 600 Series backshell assembly tools are recommended
for assembly and installation.
2. Consult factory for availability of additional entries.
Material/Finish:
3. Adapter - see Table III
4. O-Ring - Viton/90 shore
5. Band - stainless steel/passivate


Similar Part No. - 809-141

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-108 GLENAIR-809-108 Datasheet
639Kb / 3P
Series 800 Mighty Mouse
809-173 GLENAIR-809-173 Datasheet
184Kb / 1P
Dummy Receptacle for 800 Connectors
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
More results

Similar Description - 809-141

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189H009NF1104-04 GLENAIR-189H009NF1104-04 Datasheet
219Kb / 2P
Banding Backshell / Molding Adapter
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
Environmental Banding Backshell
550T024M GLENAIR-550T024M Datasheet
123Kb / 2P
D-Subminiature Split Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
Environmental Banding Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
Split Banding Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
EMI/RFI Banding Backshell
189-009 GLENAIR-189-009 Datasheet
685Kb / 2P
Banding Backshell / Molding Adapter
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
Environmental Banding Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com