Electronic Components Datasheet Search
  English  ▼

X  

809-173 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-173
Description  Dummy Receptacle for 800 Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-173 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-173 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-74
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 80 Mighty Mouse
Dummy Receptacle for 800 Connectors
809-173 Flange Mount - Dimensions
Table II
Shell Size
A Thread
B Sq
C Sq
Ø D
Ø E
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.3125-28 UN-2A
.527
13.4
.363
9.2
.680
17.3
.096
.091
2.4
2.3
6
.3750-28 UN-2A
.588
14.9
.423
10.7
.750
19.1
.096
.091
2.4
2.3
7
.4375-28 UNEF-2A
.680
17.3
.483
12.3
.880
22.4
.128
3.3
8
.5000-32 UN-2A
.710
18.0
.542
13.8
.938
23.8
.128
3.3
9
.5625-32 UN-2A
.938
23.8
.719
18.3
1.250
31.8
.128
3.3
10
.6250-32 UN-2A
.938
23.8
.719
18.3
1.250
31.8
.128
3.3
12
.7500-28 UN-2A
1.031
26.2
.812
20.6
1.375
34.9
.128
3.3
MASTER KEYWAY
UNIVERSAL
POLARIZATION1
ø D
4 X ø E
C SQ
B SQ
.05 (1.27)
.500 (12.7)
MAX
A THREAD
NOTES
1. Master keyway is rotated 90° clockwise
for shell sizes 7 thru 12
Material/Finish:
• Shell: Al alloy or CRES
• Gasket: Fluorosilicone
These flange mount syle Series 800
dummy stowage receptacles provide a
safe and convenient place to store and
protect cabled connectors when not
in use, due to routine maintenance or
during repair of plug cables.
How To Order
Sample Part Number
809-173
-M
10
Series
809-173
Shell Material
and Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
NF = Aluminum / Cadmium with Olive Drab
ZN = Aluminum / Zinc-Nickel with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
Z1 = Stainless Steel / Passivated
ZB = Stainless Steel / Olive Drab Chromate over Cadmium
ZC = Stainless Steel / Zinc Cobalt Alloy / Black Chromate
Shell Size
(See Table II)
5, 6, 7, 8, 9, 10, 12


Similar Part No. - 809-173

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-108 GLENAIR-809-108 Datasheet
639Kb / 3P
Series 800 Mighty Mouse
809-141 GLENAIR-809-141 Datasheet
170Kb / 1P
Molding, Backshell Banding Adapter
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
809-190 GLENAIR-809-190_15 Datasheet
227Kb / 1P
Mighty Mouse and Series 811 High Density
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
More results

Similar Description - 809-173

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650BS001B20 GLENAIR-650BS001B20 Datasheet
29Kb / 1P
Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
Dummy Stowage Receptacle
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
Dummy Stowage Receptacle
logo
Winchester Electronics ...
KD-89-03 WINCHESTER-KD-89-03 Datasheet
34Kb / 1P
DUMMY RECEPTACLE
logo
Glenair, Inc.
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-079 GLENAIR-657-079 Datasheet
186Kb / 1P
Dummy Stowage Receptacle for 805 Connectors
809-092 GLENAIR-809-092 Datasheet
240Kb / 2P
Dummy Receptacle for 803 Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com