Electronic Components Datasheet Search
  English  ▼

X  

MA8608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MA8608
Description  Leading small power consumption USB2.0 Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA8608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MA8608 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA8608 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
The MA8608 is a high performance solution for USB 2.0 High Speed 4-port hub controller with
fully compliant with Universal Serial Bus Specification 2.0. The controller inherits advanced serial
interface technology to consume the least power when 4 DS (downstream) ports function
simultaneously.
The MA8608 is an innovation that integrates function to comply with USB-IF “Battery Charging
Specification Revision 1.2”, which supports fast charging function for portable devices. This feature
turns MA8608 into a USB Charging Hub for “Universal Charging Solution”, (UCS) compliant
battery based portable devices, promoted by GSMA. The dedicate port in MA8608 can handle the
charging request when B.C. compliant portable device is detected on the downstream port. And,
after the handshake has been completed, MA8608 allows portable devices to draw up to 900mA
(High speed); 1.5A (Low/Full speed) from charging downstream ports (CDP) or 1.5A from
dedicated charging port (DCP). The MA8608 also support APPLE iPad fast charging mode.
MA8608 adapt Single Transaction Translator (STT) and Ganged power management to achieve cost
effective purpose. Users can also implement multiple Hub configuration options through external
EEPROM.
MA8608 supports QFN24 package targets at mainstream stand along 4 ports Hub market.
Features
USB 2.0 Hub
Compliant with USB Specification Revision 2.0
Upstream Port supports high-speed (480MHz) and full-speed (12MHz) traffic
Configurable 4/3/2 downstream ports support high-speed, full-speed, and
low-speed
Backward compatible to USB Specification Revision 1.1
Compliant with USB Battery Charging Specification Revision 1.2
MA8608
USB 2.0 High Speed 4-port hub controller


Similar Part No. - MA8608

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results

Similar Description - MA8608

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
20H04 SMSC-20H04 Datasheet
919Kb / 38P
4-PORT USB2.0 HUB CONTROLLER
USB2504 SMSC-USB2504 Datasheet
429Kb / 6P
INTEGRATED USB2.0 COMPATIBLE 4 - PORT HUB
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
USB2.0 Hub Controller
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
Ultra Small, Low Power Consumption Voltage Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com