Electronic Components Datasheet Search
  English  ▼

X  

PL2773 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL2773
Description  USB3.0/eSATAII to SATAII Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL2773 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL2773 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL-2773 Product Brochure
v1.0 8/01/10’
OVERVIEW
The PL2773 is a single-chip SuperSpeed USB3.0 or eSATAII to SATAII compliant bridge controller that is
designed to perform seamless protocol transfer between the USB3.0/eSATA and SATAII interface. The
PL2773 is implemented according to the USB Mass Storage Class driver. It supports USB3.0 SuperSpeed
with 5Gb/s bandwidth and eSATA with 3Gb/s bandwidth. SuperSpeed USB 3.0(5Gb/s) delivers ten times the
performance of Hi-Speed USB 2.0(480Mb/s) while offering backward compatibility with the billions of
USB-enabled PCs and peripheral devices. It is fully backward compatible to all USB 2.0 and USB 1.1 hosts
and operates under SuperSpeed, Hi-Speed, and Full-Speed USB connections. eSATA Mode has data
bandwidth with 3Gbps and backward compatible with 1.5Gbps. The PL2773 also has an embedded high
performance 8-bit microcontroller that can be used to support versatile system applications such as one
button backup, power control, and other features for USB/eSATA port.
FEATURES
Compliant with USB 3.0 and USB2.0 Specification
Serial ATA Revision 3.0 Specification Compliant
Ultra-low power 1.2V core operating voltage by
0.13um process
Embedded USB3/USB2/SATA PHY and Controller
Configurable USB3/eSATA connections priority
Switch USB3 or eSATA connection automatically
Multi-function General Purpose IO (GPIO) pins
can be defined for USB speed LED, button inputs,
and other special functions.
Applications support : OTB, Autorun/Password,
Capacity Indicator, Power management
Support Serial ATA hot-plug
Support single 30MHz reference clock
Firmware upgradeable through USB interface
Support PWM interface and generic SPI/I2C
master/slave interface
Provide SDK for General Purpose IO pins for
further applications
Package Type : LQFP64
PL2773
USB3.0/eSATAII to SATAII Bridge Controller
BLOCK DIAGRAM
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
SATA
SATA
SATA
SATA
Device
Device
Device
Device
Controller
Controller
Controller
Controller
Turbo
Turbo
Turbo
Turbo 8051
8051
8051
8051
USB
USB
USB
USB3333....0000
Host
Host
Host
Host
SATA Host
SATA Host
SATA Host
SATA Host
Controller
Controller
Controller
Controller
ROM
ROM
ROM
ROM
SATA PHY
SATA PHY
SATA PHY
SATA PHY
SATA Device
SATA Device
SATA Device
SATA Device
RAM
RAM
RAM
RAM
Data Bus
Serial Flash
Serial Flash
Serial Flash
Serial Flash
USB
USB
USB
USB
Device
Device
Device
Device
Controller
Controller
Controller
Controller
Data DMA
Data DMA
Data DMA
Data DMA
Controller
Controller
Controller
Controller
PWM
PWM
PWM
PWM////IIII2222C
C
C
C
Module
Module
Module
Module
SATA
SATA
SATA
SATA
PHY
PHY
PHY
PHY
USB PHY
USB PHY
USB PHY
USB PHY
SATA
SATA
SATA
SATA
Host
Host
Host
Host
30
30
30
30MHz
MHz
MHz
MHz


Similar Part No. - PL2773

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2773 PROLIFIC-PL2773 Datasheet
182Kb / 1P
USB3.0/eSATAII to SATAII Bridge Controller
PL2773 PROLIFIC-PL2773 Datasheet
758Kb / 17P
PL2773 SuperSpeed USB 3.0 & eSATA to SATA Bridge Controller
September 1, 2010 Revision: 1.0.1
PL2773 PROLIFIC-PL2773_V01 Datasheet
758Kb / 17P
PL2773 SuperSpeed USB 3.0 & eSATA to SATA Bridge Controller
September 1, 2010 Revision: 1.0.1
More results

Similar Description - PL2773

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
USB3.0 Host Controller
UPD720201K8-701-BAC-A RENESAS-UPD720201K8-701-BAC-A Datasheet
1Mb / 43P
ASSP (USB3.0 HOST CONTROLLER)
logo
List of Unclassifed Man...
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
Hi-Speed USB to SATAII Bridge Controller
logo
JMicron Technology Corp...
JMS561 JMICRON-JMS561 Datasheet
142Kb / 3P
USB3.0 to Dual SATA GenIII Ports Bridge Chip
logo
Prolific Technology Inc...
PL2771 PROLIFIC-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
PL2773 PROLIFIC-PL2773 Datasheet
182Kb / 1P
USB3.0/eSATAII to SATAII Bridge Controller
logo
Silicon Motion Technolo...
SM3267 SILICONMOTION-SM3267 Datasheet
163Kb / 1P
Mobile Storage SuperSpeed USB3.0 Flash Drive Controller
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
logo
Renesas Technology Corp
UPD720210 RENESAS-UPD720210 Datasheet
1Mb / 44P
ASSP (Four-port USB3.0 Hub Controller)
May 26, 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com