Electronic Components Datasheet Search
  English  ▼

X  

PL2775 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL2775
Description  SuperSpeed USB 3.0 to Dual SATA Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL2775 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL2775 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2775 Product Brochure
V1.0 12/30/10’
OVERVIEW
The PL2775 is a low-power single-chip SuperSpeed USB 3.0 to Dual SATA II compliant bridge IC controller
specially designed for external USB 3.0 dual-port RAID and non-RAID applications. It supports RAID 0
(striping) and RAID 1 (mirroring) as well as JBOD (Just a Bunch of Disks) and BIG (single logical disk) mode
configurations. The PL2775 can perform seamless protocol transfer between the USB Host and dual SATA
interface storage devices like Hard Disk Drives, Optical Disk Drives, and Solid-State Drives. SuperSpeed
USB has data transfer bandwidth of up to 5Gbps offering 10X performance increase over Hi-Speed USB
(480Mbps) while still retaining backward compatibility and interoperability with all USB 2.0 and USB 1.1
devices, hosts, and hubs.
The PL2775 also integrates a high performance 8-bit microcontroller which can be used to support versatile
system applications such as one button backup, power control, and other USB port features. The PL2775
chip is also implemented according to the USB Bulk-Only Mass Storage Class Specification v1.0.
FEATURES
USB-IF SuperSpeed Logo Certified (TID 340740018)
Compliant with USB 3.0 and USB2.0 Specification
Serial ATA Revision 3.0 Specification Compliant
Ultra-low power 1.2V core operating voltage by
0.13um process
Supports RAID0, RAID1, JBOD and BIG modes
RAID Management Software and SDK for RAID AP
development
Background Auto Data Recovery
Support Serial ATA Hotplug
Firmware upgradeable through USB interface
Multi-function General Purpose IO (GPIO) pins
including PWM/I2C/SPI features
Applications Support : One Button Backup, Autorun
Virtual CD, Password Security, Disk Capacity
Indicator, Power Management
Support single 30MHz reference clock
Package Type : LQFP64
PL2775
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
BLOCK DIAGRAM
USB3 PHY
USB3
Device
Controller
Turbo
8051
USB3.0
Device
SATA
Controller
ROM
PLL
30M
Crystal
SATA
PHY
SATA
Device
RAM
Data Bus
Serial
Flash
USB2
Device
Controller
Data DMA
Controller
PWM
SATA
Controller
SATA
PHY
SATA
Device
SPI/I2C
RAID Controller
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw


Similar Part No. - PL2775

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results

Similar Description - PL2775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
GENESYS LOGIC
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
JMicron Technology Corp...
JMS539 JMICRON-JMS539 Datasheet
76Kb / 2P
SuperSpeed USB to SATA II 3.0G Bridge
JMS561U JMICRON-JMS561U Datasheet
121Kb / 5P
SuperSpeed USB to Dual SATA Gen3 Ports Bridge and SATA Copier
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com