Electronic Components Datasheet Search
  English  ▼

X  

PL7411 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL7411
Description  4ch power energy metering AFE controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL7411 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL7411 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL7411 Product Brochure
V1.2 6/17/2015
OVERVIEW
PL7411 is a highly integrated power monitoring IC that measures electricity-related data for power usage
measurement applications. It has built-in 4-channel ADC and a programmable DSP which can adapt to
different applications such as metering, power protection and Master/Slave.
PL7411 has a built-in MTP that stores the chip configuration, DSP code and calibration data. It provides
SPI/I2C/UART interface and can be used for calibration and programming data or DSP code. MCU can be
accessed through SPI/I2C/UART interface.
PL7411 can diagnose the electricity-related data to identify overloading, short circuit, leakage current and
arcing condition for further power protection features. It also provides a flexible architecture, low system
BOM cost and programmable solution, to help manufacturers minimize development efforts and design a
versatile and flexible product.
FEATURES
ADC Input
- 4-ch 24bit
 ADC
- 3-ch differential and 1-ch single-end input with PGA
(1X~32X)
- For voltage or current signal input
Programmable DSP function
- Individual program and data space
- Configurable DSP parameters
- Built-in IEEE 754 floating point format conversion
SPI/I2C/UART interface for
- MCU mode interface
- Calibration and MTP programming usage
UART auto baud rate detection
MTP memory for
- Chip configuration
- Calibration data
- DSP configuration data
5V/3.3V to 1.8V internal LDO
5V tolerance GPIO
Supports 16MHz external crystal or internal oscillator
Built-in Watch-dog timer
Package Type : QFN24
PL7411
4ch Power/Energy Metering AFE Controller
BLOCK DIAGRAM
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw


Similar Part No. - PL7411

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL7413 PROLIFIC-PL7413 Datasheet
112Kb / 1P
4ch Power/Energy Metering AFE Controller
More results

Similar Description - PL7411

ManufacturerPart #DatasheetDescription
logo
Sames
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
Maxim Integrated Produc...
MAXQ3181 MAXIM-MAXQ3181 Datasheet
904Kb / 84P
Low-Power, Active Energy, Polyphase AFE
Rev 1; 12/09
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Prolific Technology Inc...
PL7211 PROLIFIC-PL7211 Datasheet
108Kb / 1P
2ch Power/Energy Metering AFE Controller
PL7223 PROLIFIC-PL7223 Datasheet
104Kb / 1P
2ch Power/Energy Metering AFE Controller
PL7413 PROLIFIC-PL7413 Datasheet
112Kb / 1P
4ch Power/Energy Metering AFE Controller
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com