Electronic Components Datasheet Search
  English  ▼

X  

PL8332 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL8332
Description  Ultralow power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL8332 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL8332 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL8332 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technologies for Tomorrow
Power Meter Solutions – Product series
PL8332
Please visit our website
www.prolific.com.tw
for our comprehensive product
line.
PROLIFIC TECHNOLOGIES INC.
Technologies for Tomorrow
Tel: 886-3-578-2011. Ext- 3637
Fax: 886-3-578-2022
E-mail: ranjit-dash@prolific.com.tw
Prolific Technologies Inc.
No.10-2, Li Hsing First Road,
Science-Based Park,
PROLIFIC
TECHNOLOGIES INC.
The PL8332 are designed for ultralow power
mixed-signal processors consisting of several devices
featuring different sets of peripherals targeted for energy
meter applications. It integrate analog front end and fixed
function DSP solution with an enhanced 8052 MCU core,
RTC and LCD driver in a single part. Its measurement core
includes active, reactive, apparent energy calculations,
voltage, current RMS, and frequency measurements. This
information can be used as energy billing and any neces-
sary application. Also included is a built-in 16-bit timer,
LCD segment drive capability and hardware multiplier.
The PL8332 integrates three PGA with gain set-
ting from 1x to 32x. Three 24-bit sigma-deltas A/D con-
verters guarantee precision captured data and enough
resolution need.
The microprocessor functionality includes a single-cycle
8052 core, a real-time clock, 2UARTs, and an SPI, I
2C and
JTAG interface. It reduces the program memory size re-
quirement and makes it easy to integrate complicated
designs. The programming is very easy and supports dif-
ferent ways. (SPI or JTAG). No external voltage needed
when programming.
Prolific PL8332


Similar Part No. - PL8332

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL8331 ETC2-PL8331 Datasheet
418Kb / 2P
Multi mode power saving function
logo
Prolific Technology Inc...
PL8331 PROLIFIC-PL8331 Datasheet
418Kb / 2P
Power Meter Solutions ??Product series
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
Wide supply voltage range: 2.4V to 5V
More results

Similar Description - PL8332

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1443 LINER-LTC1443_12 Datasheet
233Kb / 14P
Ultralow Power Quad
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
logo
Texas Instruments
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
Ultralow-Power ADCs
logo
Kingbright Corporation
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
logo
Texas Instruments
TLV704 TI1-TLV704_16 Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com