Electronic Components Datasheet Search
  English  ▼

X  

PL8333 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PL8333
Description  Wide supply voltage range: 2.4V to 5V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL8333 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PL8333 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL8333 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PL8333
MICROPROCESSOR FEATURES
•
8052-based core
•
Single-cycle 8MIPS (Peak)
•
32.768 kHz external crystal with built in PLL
•
Accurate RTC for time-of-use functions
•
H/W watchdog timer (WDT)
•
External interrupt sources
•
SPI / I
2C interface for EEPROM
•
IrDa/UART/IR interface for AMR
•
Flash security
•
16-Bit timer
•
Wake-up from I/O, temperature
change, or UART
•
64kB flash memory, 2k bytes RAM
•
Supply voltage supervisor/monitor with built in SAR ADC
•
Serial on board programming/debugging
ENERGY MEASUREMENT FEATURES
•
Exceeds IEC62053 / ANSI C12.20 standards
•
Digital signal processing (DSP) provide high accuracy active
(Watt), reactive (VAR), and apparent energy (VA) measurement
•
< 0.1% Error on active energy over a Dynamic Range of
2000 to 1 @25℃
•
Line voltage and frequency measurements
•
Phase compensation
•
High frequency outputs proportional to active, reactive, apparent
power (AP) or to Irms
GENERAL FEATURES
• Wide supply voltage range: 2.4V to 5V
• Ultralow power consumption
Normal mode:
Total: 2.2mA @ 3V
Sleep Mode: 3uA
RTC only: 1.1uA
• Multi mode power saving
function
• Internal switch between regulated and battery inputs
• Compatible with CTs, resistive shunts and Rogowski Coil sen-
sors
• Digital temperature compensation
• Wake-up from standby mode in less than 5us
• Reference: 1.2V (20ppm/℃)
• Operation temperature range: -40℃ to +85℃
• 100-LQFP package
ADC FEATURES
• Three second-order, 24-bit, delta-sigma Analog-to-Digital
Converters
Three differential input PGA front ADC
(Gain=1,2,4,8,16,24,32)
LCD FEATURES
• Up to 4x32
segment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com