Electronic Components Datasheet Search
  English  ▼

X  

SIR330DP Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIR330DP
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR330DP Datasheet(HTML) 3 Page - Vishay Telefunken

  SIR330DP Datasheet HTML 1Page - Vishay Telefunken SIR330DP Datasheet HTML 2Page - Vishay Telefunken SIR330DP Datasheet HTML 3Page - Vishay Telefunken SIR330DP Datasheet HTML 4Page - Vishay Telefunken SIR330DP Datasheet HTML 5Page - Vishay Telefunken SIR330DP Datasheet HTML 6Page - Vishay Telefunken SIR330DP Datasheet HTML 7Page - Vishay Telefunken SIR330DP Datasheet HTML 8Page - Vishay Telefunken SIR330DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 67089
S10-2604-Rev. A, 15-Nov-10
www.vishay.com
3
Vishay Siliconix
SiR330DP
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 4V
VGS =3V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0.0040
0.0048
0.0056
0.0064
0.0072
0.0080
0
16324864
80
VGS =4.5 V
VGS =10V
I
D - Drain Current (A)
0
2
4
6
8
10
0
5
10
15
20
25
ID =10A
VDS =15V
VDS =20V
VDS =10V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1
234
5
TC = 125 °C
TC = 25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
360
720
1080
1440
1800
0
5
10
15
20
25
30
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
T
J - Junction Temperature (°C)
- 50
- 25
0
25
50
75
100
125
150
0.5
0.8
1.1
1.4
1.7
2.0
ID =20A
VGS =4.5 V
VGS =10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com