Electronic Components Datasheet Search
  English  ▼

X  

MU131A Datasheet(PDF) 1 Page - Micro Electronics

Part # MU131A
Description  0.3 SINGLE DIGIT NUMERIC DISPLAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MU131A Datasheet(HTML) 1 Page - Micro Electronics

  MU131A Datasheet HTML 1Page - Micro Electronics MU131A Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MU131A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MU13 MOSPEC-MU13 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
STANLEY ELECTRIC CO.,LT...
MU13 STANLEY-MU13 Datasheet
1Mb / 10P
Bi-Color / Light Bar Module
logo
List of Unclassifed Man...
MU13-9101 ETC-MU13-9101 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
logo
STANLEY ELECTRIC CO.,LT...
MU13-9101 STANLEY-MU13-9101 Datasheet
1Mb / 10P
Bi-Color / Light Bar Module
logo
List of Unclassifed Man...
MU13-9102 ETC-MU13-9102 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
More results

Similar Description - MU131A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR07A SUNLED-DMR07A Datasheet
186Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DMR07C SUNLED-DMR07C Datasheet
184Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUG07A SUNLED-DUG07A Datasheet
186Kb / 4P
7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUG07C SUNLED-DUG07C Datasheet
183Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07A SUNLED-DUR07A Datasheet
186Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07C SUNLED-DUR07C Datasheet
184Kb / 4P
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
DUY07A SUNLED-DUY07A Datasheet
189Kb / 4P
7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
DUY07C SUNLED-DUY07C Datasheet
184Kb / 4P
7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
logo
BetLux Electronics
BL-S30A-16 BETLUX-BL-S30A-16 Datasheet
328Kb / 5P
7.8mm (0.3) Single digit numeric display series
REV NO: V.2
BL-S30A-17 BETLUX-BL-S30A-17 Datasheet
338Kb / 6P
7.8mm (0.3) Single digit numeric display series
REV NO: V.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com