Electronic Components Datasheet Search
  English  ▼

X  

TC1791 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # TC1791
Description  32-Bit Single-Chip Microcontroller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1791 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button TC1791 Datasheet HTML 91Page - Infineon Technologies AG TC1791 Datasheet HTML 92Page - Infineon Technologies AG TC1791 Datasheet HTML 93Page - Infineon Technologies AG TC1791 Datasheet HTML 94Page - Infineon Technologies AG TC1791 Datasheet HTML 95Page - Infineon Technologies AG TC1791 Datasheet HTML 96Page - Infineon Technologies AG TC1791 Datasheet HTML 97Page - Infineon Technologies AG TC1791 Datasheet HTML 98Page - Infineon Technologies AG TC1791 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
TC1791
Electrical ParametersDC Parameters
Data Sheet
88
V 1.1, 2014-05
Rise time, pad type A1+
tRA1+ CC −−
150
ns
CL= 20 pF; pin
out
driver= weak
−−
28
ns
CL=50pF;
edge= slow ;
pin out
driver= strong
−−
16
ns
CL=50pF;
edge= soft ; pin
out
driver= strong
−−
50
ns
CL= 50 pF; pin
out
driver= medium
−−
140
ns
CL= 150 pF; pin
out
driver= medium
−−
550
ns
CL= 150 pF; pin
out
driver= weak
−−
18000 ns
CL= 20000 pF;
pin out
driver= medium
−−
65000 ns
CL= 20000 pF;
pin out
driver= weak
Input high voltage, Class
A1+ pads
VIHA1+
SR
0.6 x
VDDP
−
min(V
DDP+
0.3,3.6
)
V
Input low voltage Class
A1+ pads
VILA1+
SR
-0.3
−
0.36 x
VDDP
V
Ratio Vil/Vih, A1+ pads
VILA1+ /
VIHA1+
CC
0.6
−−
Table 21
Standard_Pads Class_A1+
(cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com