Electronic Components Datasheet Search
  English  ▼

X  

TC1798 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TC1798
Description  32-Bit Single-Chip Microcontroller
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1798 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TC1798 Datasheet HTML 13Page - Infineon Technologies AG TC1798 Datasheet HTML 14Page - Infineon Technologies AG TC1798 Datasheet HTML 15Page - Infineon Technologies AG TC1798 Datasheet HTML 16Page - Infineon Technologies AG TC1798 Datasheet HTML 17Page - Infineon Technologies AG TC1798 Datasheet HTML 18Page - Infineon Technologies AG TC1798 Datasheet HTML 19Page - Infineon Technologies AG TC1798 Datasheet HTML 20Page - Infineon Technologies AG TC1798 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 200 page
background image
TC1798
System Overview of the TC1798Block Diagram
Data Sheet
10
V 1.1, 2014-05
Figure 1
shows the block diagram of the SAK-TC1798F-512F300EL / SAK-TC1798F-
512F300EP
.
Figure 2
Block Diagram
Figure 1
shows the block diagram of the SAK-TC1798N-512F300EP.
PMI
E-Ray
(2 Channels)
EBU
OCDS L1 Debug
Interface/JTAG
TriCore
CPU
16 KB PRAM
PCP2
Core
32 KB CMEM
Bridge
(SFI)
DMI
LDRAM
DCACHE
PMU1
GPTA 0
GPTA1
2 MB PFlash
32 KB PSPR
16 KB ICACHE
128 KB DSPR
16 KB DCACHE
FPU
Abbreviations:
ICACHE:
Instruction Cache
DCACHE
Data Cache
PSPR:
Program Scratch-Pad RAM
DSPR:
Data Scratch-Padl Data RAM
BROM:
Boot ROM
PFlash:
Program Flash
DFlash:
Data Flash
PRAM:
Parameter RAM in PCP
CMEM:
Code RAM in PCP
XBAR:
SRI Cross Bar (XBar_SRI)
:
On Chip Bus Slave Interface
:
On Chip Bus Master Interface
DMA
16 channels
(MemCheck)
Cross Bar Interconnect (SRI)
2 MB PFlash
192 KB DFlash
16 KB BROM
KeyFlash
PMU0
LTCA2
MLI
128 KB
SRAM
XBAR
TC1798
MultiCAN
(4 Nodes, 128 MO)
SENT
(8 channels )
Interrupt
System
STM
SCU
Ports
External
Request Unit
CCU6
(2xCCU6)
FADC
3.3V
Ext. FADC Supply
64
(3.3V max)
(5V max)
8
5V (3.3V supported as well)
Ext. ADC Supply
ADC3
ADC2
ADC1
ADC0
BMU
ASC
2
2
2
SSC
4
SSCG
SSC Guardian
4
GPT120
2
MSC
(LVDS)
2
System Peripheral Bus (SPB)
SBCU
FM-PLL
PLL E-RAY
FCE
SDMA
8 channels
S
M/S
M/S
M
M/S
M/S
M/S
S
S
S
M
LMU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com