Electronic Components Datasheet Search
  English  ▼

X  

MBR160 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR160
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR160 Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR160 Datasheet HTML 1Page - Unisonic Technologies MBR160 Datasheet HTML 2Page - Unisonic Technologies MBR160 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR160
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-260.c
1.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR160 is a 1.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR160 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low Reverse Current
* Low Stored Charge, Majority Carrier Conduction
* Low Power Loss/High Efficiency
* Highly Stable Oxide Passivated Junction
SYMBOL
DO-41
SMA
(JEDEC DO-214AC)
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
MBR160L-SMA-R
MBR160G-SMA-R
SMA
K
A
Tape Reel
MBR160L-Z41-B
MBR160G-Z41-B
DO-41
K
A
Tape Box
MBR160L-Z41-R
MBR160G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) B: Tape Box, R: Tape Reel
(2) Z41: DO-41, SMA: SMA
(3) L: Lead Free, G: Halogen Free
MBR160L-Z41-B
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING
SMA
DO-41
Date Code
Cathode Band for
uni-directional Only
UTC
MBR160
L: Lead Free
G: Halogen Free
MBR160
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - MBR160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR160 MOTOROLA-MBR160 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
MBR160 ONSEMI-MBR160 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
Vishay Siliconix
MBR160 VISHAY-MBR160 Datasheet
84Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
logo
SynSemi, Inc.
MBR160 SYNSEMI-MBR160 Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR160 PANJIT-MBR160 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com