Electronic Components Datasheet Search
  English  ▼

X  

MBR1100 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR1100
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1100 Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR1100 Datasheet HTML 1Page - Unisonic Technologies MBR1100 Datasheet HTML 2Page - Unisonic Technologies MBR1100 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR1100
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-270.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
100
V
Working Peak Reverse Voltage
VRWM
100
V
Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Reverse Voltage
VR(RMS)
70
V
Average Forward Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
50
A
Voltage Rate of Change (Rated VR)
dv/dt
10
V/ns
Operating Junction Temperature (Note 1)
TJ
-65~+150
°C
Storage Temperature (Note 1)
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (Note 2) (TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=1A, TL=25°C
0.79
V
Instantaneous Forward Voltage (Note 2)
VF
IF=1A, TL=100°C
0.69
V
TL=25°C
50
μA
Instantaneous Reverse Current @ Rated dc
Voltage (Note 2)
IR
TL=100°C
5.0
mA
Notes: 1. The heat generated must be less than the thermal conductivity from Junction to Ambient: PD/TJ<1/θJA.
2. Pulse Test: Pulse Width=300μs, Duty Cycle≤2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com