Electronic Components Datasheet Search
  English  ▼

X  

MBR20120C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR20120C
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR20120C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR20120C Datasheet HTML 1Page - Unisonic Technologies MBR20120C Datasheet HTML 2Page - Unisonic Technologies MBR20120C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR20120C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R202-010.a
20A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR20120C is a 20A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high surge
capability, high efficiency, high current capability, low power loss and
low forward voltage drop, etc.
The UTC MBR20120C is suitable for free wheeling and polarity
protection, etc.
FEATURES
* High surge capability
* High efficiency
* Low power Loss and low forward voltage drop
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MBR20120CL-TA3-T
MBR20120CG-TA3-T
TO-220
A
K
A
Tube
MBR20120CL-TF3-T
MBR20120CG-TF3-T
TO-220F
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MARKING


Similar Part No. - MBR20120C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR20120CK MOSPEC-MBR20120CK Datasheet
139Kb / 2P
Schottky Barrier Rectifiers
MBR20120CL MOSPEC-MBR20120CL Datasheet
194Kb / 2P
Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR20120CT MCC-MBR20120CT Datasheet
678Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
logo
Sirectifier Global Corp...
MBR20120CT SIRECT-MBR20120CT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 120Volt
logo
Micro Commercial Compon...
MBR20120CT MCC-MBR20120CT Datasheet
165Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
More results

Similar Description - MBR20120C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com