Electronic Components Datasheet Search
  English  ▼

X  

PE15B5000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15B5000
Description  High Power Bi-Directional Amplifier, 5-20 Watts, 2.4 GHz to 2.5 GHz, 1 us switching, 20 dB Gain, SMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15B5000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15B5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15B5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Current Draw
50
70
mA
.
Mechanical Specifications
Size
Length
3.33 in [84.58 mm]
Width
2.69 in [68.33 mm]
Height
0.69 in [17.53 mm]
.
Weight
0.812 lbs [368.32 g]
Environmental Specifications
Temperature
Operating Range
-40 to +80 deg C
Storage Range
-65 to +150 deg C
Altitude
0-30,000
Weatherproofing
IP 64 Rating
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
•
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
•
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15B5000
PE15B5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power Bi-Directional Amplifier, 5/20 Watts, 2.4 GHz to 2.5 GHz, 1 us switching, 20 dB
Gain, SMA PE15B5000
High Power Bi-Directional Amplifier, 5/20 Watts, 2.4 GHz
to 2.5 GHz, 1 us switching, 20 dB Gain, SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com