Electronic Components Datasheet Search
  English  ▼

X  

PE71S2011 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S2011
Description  2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2011 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S2011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
-8
-6
-4
-2
0
0.01
5.01
10.01
15.01
20.01
25.00
30.00
35.00
40.00
Freq.(GHz)
Insertion Loss
Insertion Loss
-50
-40
-30
-20
-10
0
0.01
5.01
10.01
15.01
20.01
25.00
30.00
35.00
40.00
Freq.(GHz)
Return Loss
Port 1 RL
Port 2 RL
PE71S2011 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To +30 dBm
PE71S2011
PIN Diode Switches Technical Data Sheet
PE71S2011
2.92mm SPST PIN Diode Switch Operating
From 50 MHz to 40 GHz Up To +30 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com