Electronic Components Datasheet Search
  English  ▼

X  

PE71S2016 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S2016
Description  SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2016 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S2016 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2016 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2016 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2016 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2016 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S2016 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-70
-60
-50
-40
-30
-20
2.00
5.06
8.13
11.19
14.25
17.31
20.38
23.44
26.50
Freq.(GHz)
Isolation
Isolation
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To +30 dBm from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
PE71S2016 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To +30 dBm
PE71S2016
PIN Diode Switches Technical Data Sheet
PE71S2016
SMA SPST PIN Diode Switch Operating From
2 GHz to 26.5 GHz Up To +30 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com